PART |
Description |
Maker |
Q62703-Q3170 Q62703-Q3176 Q62703-Q3177 Q62703-Q355 |
Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED Hyper 3 mm T1 LED/ Non Diffused Hyper-Bright LED FILTER CHIP 26 OHM 6A 0603 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 50842042 Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 3毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, ORANGE, 3 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
BL-HW132A BL-HD032A BL-HS132A BL-HX132A BL-HA132 B |
Yellow, 30 mA, standard chip LED lamp Super red, 30 mA, standard chip LED lamp STANDARD CHIP LED LAMPS High Speed CMOS Logic 4-Bit Binary Ripple Counter 14-PDIP -55 to 125 4-Bit Magnitude Comparator 16-PDIP -55 to 125 1-Line to 10-Line Clock Driver With 3-State Outputs 24-SSOP 0 to 70 SWITCH 4-Bit Magnitude Comparator 16-SOIC -55 to 125 标准芯片LED节能 5V Dual 1-to-4 clock driver 20-SOIC 标准芯片LED节能 Soft orange, 30 mA, standard chip LED lamp Pure green, 30 mA, standard chip LED lamp
|
YSTONE[Yellow Stone Corp] ETC 早安股份有限公司 Yellow Stone, Corp.
|
LTST-S220KGKT14 |
ROHS, Side Looking Chip LED, Ultra Bright AlInGaP Chip LED
|
Lite-On Technology Corporation
|
12-23CS2-A012C 12-23C 12-23CBH 12-23CBH-A01 12-23C |
Full Color Chip LED (Chip LED with Right Angle Lens)
|
EVERLIGHT[Everlight Electronics Co., Ltd]
|
22-23-R6GHBHC-A01-2C |
Full Color Chip LED (Chip LED with Right Angle Lens)
|
Everlight Electronics Co., Ltd
|
J-STD-020C MIL-STD-1005 MIL-STD-1008 MIL-STD-1010 |
Meet ROHS, Green Product Extra thin 0.30H mm Chip LED Extra bright A1InGaP Chip LED
|
Lite-On Technology Corporation
|
Q62703-Q1996 Q62703-Q3097 Q62703-Q1871 Q62703-Q148 |
Symbol LED 5 mm T1 3/4 LED / Partly Diffused Symbol LED 5 mm T1 3/4 LED Partly Diffused CYLINDRICAL LED LAMP Symbol LED 5 mm T1 3/4 LED/ Partly Diffused Cermet Potentiometer; Series:3296; Track Resistance:20kohm; Resistance Tolerance: /- 10%; Power Rating:0.5W; Operating Temperature Range:-55 C to 150 C; Resistor Element Material:Cermet; Temperature Coefficient: /-100 ppm RoHS Compliant: No TRIMMER, 25 TURN 2K SINGLE COLOR LED, YELLOW, 5 mm Symbol LED 5 mm T1 3/4 LED, Partly Diffused SINGLE COLOR LED, YELLOW, 5 mm Symbol LED 5 mm T1 3/4 LED, Partly Diffused SINGLE COLOR LED, ORANGE, 5 mm Symbol LED 5 mm T1 3/4 LED, Partly Diffused 符号的LED 5毫米T1 3 / 4的LED,部分漫
|
SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
APT1608URCK APT1608SGD APT1608HC APT1608HD APT1608 |
SUPER THIN SMD CHIP LED 1608(0603) SINGLE COLOR LED, YELLOW, 1.2 mm SUPER THIN SMD CHIP LED 1608(0603) SINGLE COLOR LED, HIGH EFFICIENCY RED, 1.2 mm SUPER THIN SMD CHIP LED 1608(0603) SINGLE COLOR LED, SUPER BRIGHT GREEN, 1.2 mm
|
Kingbright Corporation. Kingbright, Corp.
|
APTD3216CGCK |
3.2 x 1.6mm SMD CHIP LED LAMP SINGLE COLOR LED, GREEN, 1.6 mm
|
Kingbright, Corp. KINGBRIGHT[Kingbright Corporation]
|
586-2402-101F 586-2402-103F 586-2402-105F 586-2402 |
Single Chip BASED LED T 3 1/4 MINIATURE BAYONET (BA9s) T-3 1/4 SINGLE COLOR LED, RED, 10.7 mm ROHS COMPLIANT PACKAGE-1 T-3 1/4 SINGLE COLOR LED, YELLOW, 10.7 mm ; Luminous Intensity:825mcd; Forward Current:15mA; Leaded Process Compatible:Yes RoHS Compliant: Yes T-3 1/4 SINGLE COLOR LED, GREEN, 10.7 mm
|
http:// Dialight Corporation Dialight PLC
|